Part Number Hot Search : 
0GXDF A114E A114E M29W64 7039A HA12219 2SK4065 0805L
Product Description
Full Text Search
 

To Download M85049-41-40A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS85049/41 and MS3057A Strain Reliefs
M85049/41-3A MIL-DTL-5015 MS "V" Thread (Mates to General Duty `A' Endbell) Basic Part No. Dash No.
SUPERCEDED SPECIFICATION
MS3057-16A Basic Part No. Dash No.
G D A Thread Cable Entry
E
F
TABLE I
Dash Conn. Shell A Thread Ref.(s) No. Class 2B 8S, 10S 3A 1/2 - 28 UNEF 4A 10SL, 12S, 12 5/8 - 24 UNEF 14S, 14 6A 3/4 - 20 UNEF 16S, 16 8A 7/8 - 20 UNEF 18 10A 1 - 20 UNEF 20, 22 12A 1 3/16 - 18 UNEF 24, 28 16A 1 7/16 - 18 UNEF 32 20A 1 3/4 - 18 UNS 36 24A 2 - 18 UNS 40 28A 2 1/4 - 16 UN 44 32A 2 1/2 - 16 UN 48 40A 3 - 16 UN Cable Entry Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) D Ref. .406 (10.3) .406 (10.3) .406 (10.3) .406 (10.3) .406 (10.3) .406 (10.3) .406 (10.3) .469 (11.9) .531 (13.5) .531 (13.5) .594 (15.1) .656 (16.7) E Dia .031 (0.8) .688 (17.5) .812 (20.6) .969 (24.6) 1.094 (27.8) 1.188 (30.2) 1.375 (34.9) 1.656 (42.1) 2.031 (51.6) 2.219 (56.4) 2.500 (63.5) 2.781 (70.6) 3.281 (83.3) F .031 .812 .875 1.062 1.156 1.250 1.469 1.688 2.031 2.281 2.688 2.938 3.500 (0.8) (20.6) (22.2) (27.0) (29.4) (31.8) (37.3) (42.9) (51.6) (57.9) (68.3) (74.6) (88.9) G .031 (0.8) .812 (20.6) .812 (20.6) .875 (22.2) .938 (23.8) .938 (23.8) .938 (23.8) 1.031 (26.2) 1.094 (27.8) 1.156 (29.4) 1.688 (42.9) 1.750 (44.5) 1.750 (44.5)
1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable Entry is defined as the accomodation entry for the wire bundle or cable. Dimensions are not intended for inspection criteria. 4. Finish on M85049/41 is cadmium olive drab over electroless nickel (1,000 hour salt spray).
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 62-13
Strain Reliefs


▲Up To Search▲   

 
Price & Availability of M85049-41-40A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X